Part Number Hot Search : 
MJ160 MJ160 70BRS 1V102 E1500 FAN8732G MJ160 ZR36730
Product Description
Full Text Search
 

To Download DDTA123EE-7-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds30317 rev. 6- 2 1 of 4 ddta (r1 = r2 series) e www.diodes.com  diodes incorporated ddta (r1 = r2 series) e pnp pre-biased small signal sot-523 surface mount transistor  epitaxial planar die construction  complementary npn types available (ddtc)  built-in biasing resistors, r1 = r2  lead free/rohs compliant (note 2) characteristic symbol value unit supply voltage, (2) to (3) v cc -50 v input voltage, (1) to (2) ddta123ee ddta143ee ddta114ee ddta124ee ddta144ee ddta115ee v in +10 to -12 +10 to -30 +10 to -40 +10 to -40 +10 to -40 +10 to -40 v output current ddta123ee ddta143ee ddta114ee ddta124ee ddta144ee ddta115ee i o -100 -100 -50 -30 -30 -20 ma power dissipation p d 150 mw thermal resistance, junction to ambient air (note 1) r  ja 833  c/w operating and storage and temperature range t j ,t stg -55 to +150  c features maximum ratings @ t a = 25  c unless otherwise specified a m j l d b c h k g top view n mechanical data  case: sot-523  case material: molded plastic. ul flammability classification rating 94v-0  moisture sensitivity: level 1 per j-std-020c  terminals: finish - solderable per mil-std-202, method 208  lead free plating (matte tin finish annealed over alloy 42 leadframe).  terminal connections: see diagram  marking: date code and marking code (see diagrams & page 2)  weight: 0.002 grams (approx.)  ordering information (see page 2) new product p/n r1, r2 (nom) marking ddta123ee ddta143ee ddta114ee ddta124ee ddta144ee ddta115ee 2.2k  4.7k  10k  22k  47k  100k  p04 p08 p13 p17 p20 p24 sot-523 dim min max typ a 0.15 0.30 0.22 b 0.75 0.85 0.80 c 1.45 1.75 1.60 d  0.50 g 0.90 1.10 1.00 h 1.50 1.70 1.60 j 0.00 0.10 0.05 k 0.60 0.80 0.75 l 0.10 0.30 0.22 m 0.10 0.20 0.12 n 0.45 0.65 0.50  0  8  all dimensions in mm note: 1. mounted on fr4 pc board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf. 2. no purposefully added lead. r1 o ut b c e r2 3 2 1 in gnd(+) schematic and pin configuration 1 3 2 gnd (+) c b in ou t e equivalent inverter circuit
ds30317 rev. 6 - 2 2 of 4 ddta (r1 = r2 series) e www.diodes.com characteristic symbol min typ max unit test condition input voltage v l(off) -0.5 -1.1  v v cc = 5v, i o = 100  a v l(on)  -1.9 -3 v o = 0.3v, i o = 20ma, ddta123ee v o = 0.3v, i o = 20ma, ddta143ee v o = 0.3v, i o = 10ma, ddta114ee v o = 0.3v, i o = 5ma, ddta124ee v o = 0.3v, i o = 2ma, ddta144ee v o = 0.3v, i o = 1ma, ddta115ee output voltage v o(on)  -0.1 -0.3 v i o /i l =10ma/0.5ma, ddta123ee i o /i l =10ma/0.5ma, ddta143ee i o /i l =10ma/0.5ma, ddta114ee i o /i l =10ma/0.5ma, ddta124ee i o /i l =10ma/0.5ma, ddta144ee i o /i l =5ma/0.25ma, ddta115ee input current ddta123ee ddta143ee ddta114ee ddta124ee ddta144ee ddta115ee i l  -3.8 -1.8 -.88 -.36 -.18 -.15 ma v i = -5v output current i o(off)  0.5  a v cc = -50v, v i = 0v dc current gain ddta123ee ddta143ee ddta114ee ddta124ee ddta144ee ddta115ee g l -20 -20 -30 -56 -68 -82  v o = -5v, i o = -20ma v o = -5v, i o = -10ma v o = -5v, i o = -5ma v o = -5v, i o = -5ma v o = -5v, i o = -5ma v o = -5v, i o = -5ma input resistor (r 1 ) tolerance  r 1 -30  +30 %  resistance ratio r 2 /r 1 0.8 1 1.2   gain-bandwidth product* f t  250  mhz v ce = -10v, i e = 5ma, f = 100mhz electrical characteristics @ t a = 25  c unless otherwise specified new product * transistor - for reference only month jan feb mar apr may jun jul aug sep oct nov dec code 1234567 89 o nd year 2005 2006 2007 2008 2009 2010 code st uv w x date code key xxx = product type marking code (see page 1, e.g. p04 = ddta123ee) ym = date code marking y = year ex: t = 2006 m = month ex: 9 = september xxxym marking information notes: 3. for packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. device packaging shipping DDTA123EE-7-F sot-523 3000/tape & reel ddta143ee-7-f sot-523 3000/tape & reel ddta114ee-7-f sot-523 3000/tape & reel ddta124ee-7-f sot-523 3000/tape & reel ddta144ee-7-f sot-523 3000/tape & reel ddta115ee-7-f sot-523 3000/tape & reel ordering information (note 3)
ds30317 rev. 6 - 2 3 of 4 ddta (r1 = r2 series) e www.diodes.com new product 1 1 10 01020304050 i , collector current (ma) fi g . 6 input volta g e vs. collector current c v = 0.2v o v , input voltage (v) in -25c 25c 75 c 0.01 0.1 1 10 100 01 2 3 4 89 10 i , collector current (ma) c v , input voltage (v) fi g . 5 collector current vs. input volta g e in 75 c -25c 5 67 25c v=5v o 0 2 4 6 10 0 20 30 c , c apa c itance (pf) ob v , reverse bias voltage (v) fig. 4 output capacitance r 12 10 5 15 25 8 f = 1mhz 10 1000 100 1 1 10 100 h , dc current gain fe i , collector current (ma) c fi g . 3 dc current gain v=10v ce 75 c -25 c 25 c 0.001 0.01 0.1 1 0 10 20 30 40 50 v , collector emitter voltage (v) ce(sat) fig. 2 i , collector current (ma) v vs. i c ce ( sat ) c i/i =10 cb -25 c 75 c 25 c -50 0 50 100 150 2 5 0 200 150 50 100 0 t , ambient temperature ( c) fi g . 1 deratin g curve a p , power dissipation (mw) d typical curves - ddta143e
ds30317 rev. 6 - 2 4 of 4 ddta (r1 = r2 series) e www.diodes.com important notice life support diodes incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes witho ut further notice to any product herein. diodes incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. the user of products in such applications shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on our website, harmless against all damages. diodes incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written appr oval of the president of diodes incorporated. new product


▲Up To Search▲   

 
Price & Availability of DDTA123EE-7-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X